Part Number Hot Search : 
ST92E141 EM78447B BCM5421S V515ME01 HC165A SK502 ALC202A TRC10
Product Description
Full Text Search
 

To Download SR5100L-5A-27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5.0 amp schottky barrier rectifiers m a x i m u m r atings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number m aximum recurrent peak reverse voltage m aximum rms voltage m aximum dc blocking voltage m aximum average forward rectified current s ee fig. 1 features m e chanical data p eak forward surge current, 8.3 ms single half sine-wave s uperimposed on rated load (jedec method) m aximum instantaneous forward voltage at 5.0a m aximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c typical junction capacitance (note1) notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to ambient vertical pc board mounting 0.5"(12.7mm) lead length. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any * w eight: 1. 0 0 grams s r 5 2 0 l s r 5 2 0 0 l thru typical thermal resistance r j a (note 2) q v oltage range 20 to 20 0 v olts current 5.0 amperes do-27 dimensions in inches and (millimeters) 0.945 (2 4 . 0 ) min. 0.945 (2 4 . 0 ) min. .375(9.5) .285(7.2) .052(1.3) .04 3 (1. 1 ) dia. .220(5.6) .197(5.0) dia. a a v u a m a pf 5.0 150 1 00 5 10 - 65 +150 - 65 +150 0.5 0 380 s r 520 l s r 5 4 0 l s r 5 6 0 l s r 5 8 0 l s r 5 10 0 l s r 51 5 0 l s r 5 2 0 0 l units 20 4 0 6 0 8 0 100 1 5 0 2 0 0 v 20 4 0 6 0 80 10 0 1 5 0 2 0 0 v 14 32 42 56 70 105 14 0 v 0. 6 5 0. 7 5 operating s torage temperature range t s tg temperature range t j c c c /w 32 * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request
0.1 1.0 .01 10 50 r a ting a nd characteristic cu r ves (s r 520 l thru s r 5 20 0 l ) fig.1-typical forward current derating curve average forward current,(a) instantaneous forward current,(a) forward voltage,(v) p ulse width 300us 1% duty cycle 1.0 2.0 3.0 4.0 5.0 6.0 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) 0 20 40 60 80 100 120 140 .01 tj=75 c s r 5 6 0 l s r 5 8 0 l ~ s r 5 2 0 0 l s r 5 2 0 l ~ s r 5 4 0 l tj=25 c tj=25 c a m bient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics p e rcent of rated peak reverse voltage,(%) fig.3-maximum non-repetitive forward s urge current fig.4-typical junction capacitance reverse voltage,(v) j unction capacitance,(pf) 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 60 30 0 90 150 120 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half s ine wave j edec method p e a k forward surge current,(a) p e a k forward surge current,(a) 33


▲Up To Search▲   

 
Price & Availability of SR5100L-5A-27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X